Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download MOC3022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOC3020X, MOC3021X, MOC3022X, MOC3023X MOC3020, MOC3021, MOC3022, MOC3023
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
APPROVALS l UL recognised, File No. E91231 under
Package System 'KK'
2.54 7.0 6.0 1.2 7.62 6.62 1 2 3
Dimensions in mm 6 5 4 7.62 4.0 3.0 0.5 13 Max 0.26
'X' SPECIFICATION APPROVALS l VDE 0884 in 3 available lead forms : - STD - G form - SMD approved to CECC 00802 DESCRIPTION
3.0
The MOC302_ series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode coupled with a light activated silicon bilateral switch performing the functions of a triac mounted in a standard 6 pin dual-in-line package. FEATURE l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l 400V Peak Blocking Voltage l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS CRTs l Power Triac Driver l Motors l Consumer appliances l Printers
l
0.5
3.35
ABSOLUTE MAXIMUM RATINGS (25 C unless otherwise noted) Storage Temperature -550C - +1500C Operating Temperature -400C - +1000C Lead Soldering Temperature 2600C (1.6mm from case for 10 seconds) INPUT DIODE Forward Current 50mA Reverse Voltage 6V Power Dissipation 70mW (derate linearly 0.93mW/0C above 250C) OUTPUT PHOTO TRIAC Off-State Output Terminal Voltage 400V Forward Current (Peak) 1A Power Dissipation 300mW (derate linearly 4.0mW/0C above 250C) POWER DISSIPATION
OPTION SM
SURFACE MOUNT
OPTION G
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
Total Power Dissipation 330mW (derate linearly 4.4mW/0C above 250C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
19/12/02
DB91045m-AAS/A4
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Peak Off-state Current ( I DRM ) Peak Blocking Voltage ( VDRM ) On-state Voltage ( VTM ) Critical rate of rise of off-state Voltage ( dv/dt ) ( note 1 ) Critical rate of rise of commutating Voltage ( dv/dt ) ( note 1 ) 400 1.5 10 0.1 0.2 3.0 MIN TYP MAX UNITS 1.2 1.5 100 100 V A nA V V V/s V/s I load = 15mA, VIN = 30V ( fig 1. ) TEST CONDITION IF = 10mA VR = 6V VDRM = 400V (note 1 ) IDRM = 100nA ITM = 100mA ( peak )
Output
Coupled
Input Current to Trigger ( IFT )(note 2 ) MOC3020 MOC3021 MOC3022 MOC3023
30 15 10 5
mA mA mA mA
A
VD = 3V ( note 2 )
Holding Current , either direction ( IH ) Input to Output Isolation Voltage VISO 5300 7500
100
VRMS VPK
See note 3 See note 3
Note 1. Test voltage must be applied within dv/dt rating. Note 2. Guaranteed to trigger at an IF value less than or equal to max. IFT , recommended IF lies between Rated IFT and absolute max. IFT . Note 3. Measured with input leads shorted together and output leads shorted together.
FIGURE 1 +5v VCC VCC + 120 0v COMMUTATING dv/dt STATIC dv/dt 2 3 5 4 RL 2k RIN 1 6 VIN
~
19/12/02
DB91045m-AAS/A4
RMS On-state Current vs. Ambient Temperature Normalised repetitive peak off-state voltage 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -30
Normalised Repetitive Peak Off-state Voltage vs. Ambient Temperature
RMS on-state current IT (Arms)
0.1
0.05
Normalised to TA = 25C
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 80 70 Forward current IF (mA) 60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Normalised Input Trigger Current vs. Ambient Temperature Normalised input trigger current ( IFT ) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
19/12/02
0
25
50
75
100
Ambient temperature TA ( C ) On-state Voltage vs. Ambient Temperature 2.8 2.4 On-state voltage VTM (V) 2.0 1.6 1.2 0.8 0.4 0 -30 0 25 50 75 100 Ambient temperature TA ( C ) On-state Current vs. On-state Voltage 100 On-state current ITM (mA) 80
60 IF = 20mA TA = 25C
Normalised to TA = 25C
40
20 0 0 0.4 0.8 1.2 1.6 2.0 On-state voltage VTM (V)
DB91045m-AAS/A4


▲Up To Search▲   

 
Price & Availability of MOC3022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X